Part Number Hot Search : 
D0715 MM74C HJ644HLP MKP417 808CX D0715 NDA4116 RV681J
Product Description
Full Text Search
 

To Download SSTSD201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CORPORATION
High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
SD200 / SD201 / SD202 / SD203 / SSTSD201 / SSTSD203
FEATURES
* High gain . . . . . . . . . . . . . . . . . . . . . 8.0 dB min @ 1 GHz * Low Noise. . . . . . . . . . . . . . . . . . . . . 5.0 dB max @ 1 GHz
(SD202, SD203, SSTSD203) Low Interelectrode Capacitances
DESCRIPTION The SD200 series is manufactured utilizing Calogic's proprietary DMOS design and processing techniques. The device is designed to operate well through 1 GHz while maintaining excellent frequency response, power gain, and low noise. The DMOS structure is an inherently low capacitance and very high speed design resulting in a device that bridges JFETS and GaAs products in performance characteristics. ORDERING INFORMATION Part SD200DC SD201DC SD202DC SD203DC SSTSD201 SSTSD203 XSD200 XSD201 XSD202 XSD203 Package 4 Lead TO-52 Package 4 Lead TO-52 Package 4 Lead TO-52 Package 4 Lead TO-52 Package Surface Mount SOT-143 Surface Mount SOT-143 Sorted Chips in Carriers Sorted Chips in Carriers Sorted Chips in Carriers Sorted Chips in Carriers SCHEMATIC DIAGRAM Temperature Range -55oC to +125oC -55oC to +125oC -55oC to +125oC -55oC to +125oC -55oC to +125oC -55oC to +125oC -55oC to +125oC -55oC to +125oC -55oC to +125oC -55oC to +125oC
APPLICATIONS
* High Gain VHF/UHF Amplifiers * Oscillators * Mixers
PIN CONFIGURATION
(2) DRAIN (4) CASE, BODY
CD10-1 CD10-2
G D CASE, B S
SD201, SD203, zener protected SD202, SD204, non-zener
(3) GATE
(1) SOURCE
GATE (3) DRAIN (2)
PART MARKINGS (SOT-143) P/N MARKING 201 203
BODY INTERNALLY CONNECTED TO CASE. DIODE PROTECTION ON SD201/SD203 ONLY.
BODY (4) SOT-143 SOURCE (1)
SSTSD201 SSTSD203
SD200 / SD201 / SD202 / SD203 / SSTSD201 / SSTSD203
CORPORATION
ABSOLUTE MAXIMUM RATING (TA = +25oC unless otherwise noted) PARAMETER Breakdown Voltages VDS VDB VGS VGB VGD SD200 SD201 SD202 SD203 UNIT ID PT PD Tj Ts Continuous Drain Current . . . . . . . . . . . . . . . . . . 50 mA Power Dissipation (at or below TC = +25oC) . . . . 1.8 W Linear Derating Factor . . . . . . . . . . . . . . . . . 18 mW/ oC Power Dissipation (at or below TA = +25C) . . . 360 mW Linear Derating Factor . . . . . . . . . . . . . . . . . 3.6 mW/ oC Operating Junction Temperature Range . . . . . . . . . . . . . . -55oC to + 125oC Storage Temperature Range . . . . . . . . -65oC to +175oC
+25 +25 40 40 40
+25 +25 -0.3 +20 -0.3 +20 -0.3 +20
+20 +20 40 40 40
+20 +20 -0.3 +20 -0.3 +20 -0.3 +20
V V V V V V V V
ELECTRICAL CHARACTERISTICS (TA = +25oC unless otherwise noted)
200, 201 SYMBOL PARAMETER MIN STATIC BVDS BVDB Drain-Source Breakdown Voltage Drain-Body Breakdown Voltage Drain-Source OFF Current SD200 Gate-Body Leakage Current SD202 SD201 SD203 VGS(th) rDS(ON) DYNAMIC gfs ciss coss crss Gps NF Pi Common-Source Forward Transcondconductance Common-Source Input Capacitance Common-Source Output Capacitance Common-Source Reverse Transfer Capacitance Common-Source Power Gain Noise Figure Intercept Point 8.0 13 14 2.4 1.0 0.2 10 4.5 29 6.0 3.0 1.2 0.3 8.0 17 20 3.0 1.0 0.2 10 dB 4.0 29 5.0 dBm f = 2 MHz 3.6 1.2 0.3 VDS = 15 V f = 1 GHz ID = 20 mA VSB = 0 pF VGS = 0 mS ID = 20 mA, VDS = 15 V f = 1 KHz, VSB = 0 ID = 20 mA VDS = 15 V f = 1 MHz VSB = 0 Gate Threshold Voltage Drain-Source ON Resistance 0.1 1.0 40 2.0 70 0.1 1.0 35 1.0 1.0 2.0 50 V ohms VDS = VGS, ID = 1A, VSB = 0 VGS = 5 V, ID = 1 mA, VSB = 0 25 25 1.0 1.0 0.1 0.1 A nA 30 20 20 25 V V ID = 1.0A, VGS = VBS = 0 ID = 1.0A, VGB = 0 Source OPEN VDS = 25 V VGS = VBS = 0 VDS = 20 V VGV = 40 V VDB = VSB = 0 VGB = 20 V TYP MAX MIN TYP MAX 202, 203 UNIT TEST CONDITIONS
ID(OFF) IGBS
A


▲Up To Search▲   

 
Price & Availability of SSTSD201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X